PART |
Description |
Maker |
LDM-0808-300M-91 |
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package
|
Roithner LaserTechnik GmbH
|
FBR21D06-P FBR21ND01-P FBR22D09-P FBR21D05-P FBR21 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.1A (COIL), 3VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT MINIATURE RELAY 1 POLE-1 to 2 A (FOR SIGNAL SWITCHING) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.2A (COIL), 1.5VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.033A (COIL), 9VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 18VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.013A (COIL), 24VDC (COIL), 300mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. http:// FUJITSU LTD
|
TC105303ECT TC105333ECT TC105503ECT TC105 TC105303 |
The TC105 is a step-down (Buck) switching controller that furnishes output currents of up to 1A (max) while delivering a typical ... The TC105 is a step-down (Buck) switching controller that furnishes output currents of up to 1A (max) whiledelivering a typical efficiency of 92%. The TC105 normally operates in pulse width modulation mode (PWM), but automatically switches PFM/PWM Step-Down DC/DC Controller
|
MICROCHIP[Microchip Technology]
|
V23990-P825-F10-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|
V23990-P825-F-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|
M3500-0306 |
300-600 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
M3500-0613 |
650-1300 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
M3500-0204 |
200-400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
DSP1-DC9V DSP1-L2-DC3V DSP1-L2-DC9V DSP1-DC24-R-F |
Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.033A (COIL), 9VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching POWER/SIGNAL RELAY, DPST, LATCHED, 0.1A (COIL), 3VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching POWER/SIGNAL RELAY, DPST, LATCHED, 0.033A (COIL), 9VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPST, MOMENTARY, 0.013A (COIL), 24VDC (COIL), 300mW (COIL), 5A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Panasonic, Corp. PANASONIC CORP
|
TS4902 TS4902ID TS4902IDT TS4902IS TS4902IST -TS49 |
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW 300MW AT 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AN7118 |
Low Voltage Dual 35mW Audio Power Amplifier Circuits (BTL 300mW)
|
Panasonic
|
M3500-1324 |
2K. PERFORMANCE CURVES FOR M3500-1324 1350-2400 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
List of Unclassifed Manufacturers ETC[ETC] Micronetics, Inc.
|
|